Part Number Hot Search : 
CHS1209 2SC4770 5000T 76107D A02007 020CT 05201 SD222
Product Description
Full Text Search
 

To Download SRR6603-152ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IA
NT
Features
Available in E12 series Unit height of 3 mm Current up to 3 A RoHS compliant*
Applications
Input/output of DC/DC converters Power supplies for: * Portable communication equipment * Camcorders * LCD TVs * Car radios
*R
oH
S
CO
M
PL
SRR6603 Series - Shielded Power Inductors
Electrical Specifications
Inductance 100kHz Bourns Part No. (H) Tol. % Q Ref. Test Frequency (kHz) Q SRF Nom. (MHz) RDC Max. () IDC Max. (A)
SRR6603-1R0ML SRR6603-1R5ML SRR6603-2R2ML SRR6603-3R3ML SRR6603-4R7ML SRR6603-6R8ML SRR6603-100ML SRR6603-150ML SRR6603-220ML SRR6603-330ML SRR6603-470ML SRR6603-680ML SRR6603-101ML SRR6603-151ML SRR6603-221ML SRR6603-331ML SRR6603-471ML SRR6603-681ML SRR6603-102ML SRR6603-152ML SRR6603-222ML SRR6603-332ML SRR6603-472ML SRR6603-682ML SRR6603-103ML
1.0 1.5 2.2 3.3 4.7 6.8 10.0 15.0 22.0 33.0 47.0 68.0 100.0 150.0 220.0 330.0 470.0 680.0 1000.0 1500.0 2200.0 3300.0 4700.0 6800.0 10000.0

20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20
30 30 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 50 50 50 50 50 50
200 200 200 200 200 200 200 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100
250 125 120 120 105 50 38 33 25 20 20 15 10 9 6 5 4 3 2 2 2 1 1 1 0.8
0.040 0.045 0.050 0.055 0.060 0.065 0.075 0.090 0.110 0.190 0.230 0.290 0.480 0.590 0.770 1.400 1.800 2.200 3.400 4.200 8.500 11.000 13.900 25.000 32.800
3.00 2.80 1.80 1.60 1.40 1.20 1.00 0.80 0.70 0.60 0.50 0.40 0.30 0.26 0.22 0.20 0.19 0.18 0.15 0.12 0.10 0.08 0.06 0.04 0.02
General Specifications Test Voltage.....................................0.1 V Reflow soldering.....250 C; 10 sec max. (In compliance with JEDEC, J-STD-020C, Table 4-2) Operating Temperature ..-40 C to +125 C (Temperature rise included) Storage Temperature..-40 C to +105 C Resistance to Soldering Heat ............................250 C, 10 sec. max. Materials Core.........................Ferrite DR & RI core Wire .............................Enameled copper Base ..........................................Ceramic Terminal.....................................Cu/Ni/Au Temperature Rise ......................30 C max. at rated Irms Packaging.....................600 pcs. per reel Product Dimensions
6.60 MAX. (.260)
220
4.40 MAX. (.173)
3.00 MAX. (.118)
Electrical Schematic
2.50 0.10 (.098 .004)
1.24 0.10 (.049 .004) 4.45 0.10 (.175 .004)
Recommended Layout
4.10 (.161) REF.
1.60 (.063) REF.
7.00 (.276)
3.00 (.118) REF.
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
SRR6603 Series - Shielded Power Inductors
Soldering Profile
300
<1> Max. of 10 seconds at 250 C <2> Max. of 30 seconds > 220 C
250
250 C <1>
200
<2>
Temperature (C)
150 120 - 150 seconds 100 Ramp-down 5 C/second maximum
50
Ramp-up 4 /second maximum
0 0 50 100 150 Time (seconds) 200 250 300
Packaging Specifications
178 DIA. (7.00) 2.0 0.5 (.079 .020) 16.5 (.650) 13.0 0.5 (.512 .020) DIA. 50.0 (1.969) 13.0 0.5 DIA. (.512 .020) 14 (.551) EMBOSSED CARRIER 12.0 (.472) THICKNESS 0.10 (.004) MAX. EMBOSSED CAVITY
21.0 0.8 (.827 .031)
12.0 (.472)
END
4 (.157)
START
220
220
220
2
DIMENSIONS:
8 (.315)
MM (INCHES)
NO COMPONENT
NO COMPONENT COMPONENTS
160 (6.299)
390 (15.354)
USER DIRECTION OF FEED
QTY: 600 PCS. PER REEL
REV. 02/06 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SRR6603-152ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X